| データシートサーチシステム |
|
AF2GSSEL データシート(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AF2GSSEL データシート(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 20 page ![]() Version 2.0 ATP Industrial Grade SlimSATA Embedded Module Specification 4.3 SMART Information ATP Industrial Grade SlimSATA Embedded Module Support S.M.A.R.T. ATA feature set in IDE mode, not support in RAID mode and AHCI mode. 4.3.1 SMART subcommand sets In order to select a subcommand the host must write the subcommand code to the device's Features Register before issuing the SMART Function Set command. The subcommands are listed below. Table 4-3 Command Command Code SMART READ DATA D0h SMART SAVE ATTRIBUTE THRESHOLD D1h SMART ENABLE/DISABLE AUTOSAVE D2h SMART SAVE ATTRIBUTE VALUES D3h SMART EXECUTE OFF-LINE IMMIDIATE D4h RESERVED D5h RESERVED D6h SMART ENABLE OPERATIONS D8h SMART DISABLE OPERATIONS D9h SMART RETURN STATUS DAh Note: If the reserved size is below a threshold, status can be read from the Cylinder Register using the Return Status command (DAh) 4.3.2 SMART Read Data (subcommand D0h) The following 512 bytes make up the device SMART data structure. Users can obtain the data using the “Read Data” command (D0h). Table 4-4 Byte F/V Description 0~1 X Revision code 2~361 X Vendor Specific Y Yoouurr U Ullttiim maattee M Meem moorryy S Soolluuttiioonn!! 17 ATP Confidential &Proprietary |