データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9959/PCBZ1 データシート(PDF) 43 Page - Analog Devices

部品番号 AD9959/PCBZ1
部品情報  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ1 データシート(HTML) 43 Page - Analog Devices

Back Button AD9959/PCBZ1 Datasheet HTML 36Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 37Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 38Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 39Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 40Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 41Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 42Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 43Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
AD9959
Rev. B | Page 43 of 44
Linear Sweep Ramp Rate (LSRR)—Address 0x07
Two bytes are assigned to this register.
Table 38. Description for LSRR
Bit
Mnemonic
Description
15:8
Falling sweep ramp rate (FSRR)
Linear falling sweep ramp rate.
7:0
Rising sweep ramp rate (RSRR)
Linear rising sweep ramp rate.
LSR Rising Delta Word (RDW)—Address 0x08
Four bytes are assigned to this register.
Table 39. Description for RDW
Bit
Mnemonic
Description
31:0
Rising delta word
32-bit rising delta-tuning word.
LSR Falling Delta Word (FDW)—Address 0x09
Four bytes are assigned to this register.
Table 40. Description for FDW
Bit
Mnemonic
Description
31:0
Falling delta word
32-bit falling delta-tuning word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44