| データシートサーチシステム |
|
M68ICS08GR データシート(PDF) 204 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR データシート(HTML) 204 Page - Freescale Semiconductor, Inc |
|
204 / 408 page ![]() Monitor ROM (MON) Technical Data MC68HC908GR8 — Rev 4.0 204 Monitor ROM (MON) MOTOROLA If the security sequence fails, the device can be reset and brought up in monitor mode to attempt another entry. After failing the security sequence, the FLASH mode can also be bulk erased by executing an erase routine that was downloaded into internal RAM. The bulk erase operation clears the security code locations so that all eight security bytes become $FF (blank). Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |