| データシートサーチシステム |
|
M68ICS08GR データシート(PDF) 200 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR データシート(HTML) 200 Page - Freescale Semiconductor, Inc |
|
200 / 408 page ![]() Monitor ROM (MON) Technical Data MC68HC908GR8 — Rev 4.0 200 Monitor ROM (MON) MOTOROLA Table 15-6. IREAD (Indexed Read) Command Description Read next 2 bytes in memory from last address accessed Operand 2-byte address in high byte:low byte order Data Returned Returns contents of next two addresses Opcode $1A Command Sequence Table 15-7. IWRITE (Indexed Write) Command Description Write to last address accessed + 1 Operand Single data byte Data Returned None Opcode $19 Command Sequence IREAD IREAD ECHO FROM HOST DATA RETURN DATA IWRITE IWRITE ECHO FROM HOST DATA DATA Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |