| データシートサーチシステム |
|
TCM829ECT713 データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM829ECT713 データシート(HTML) 11 Page - Microchip Technology |
|
11 / 26 page ![]() © 2010 Microchip Technology Inc. DS21488B-page 11 TCM828/TCM829 4.0 DETAILED DESCRIPTION The TCM828/TCM829 charge pump converters invert the voltage applied to the VIN pin. Conversion consists of a two phase operation (Figure 4-1). During the first phase, switches S2 and S4 are open, while S1 and S3 are closed. During this time, C1 charges to the voltage on VIN and load current is supplied from C2. During the second phase, S2 and S4 are closed, and S1 and S3 are open. This action connects C1 across C2, restoring charge to C2. FIGURE 4-1: Ideal Switched Capacitor Charge Pump. VOUT = -(VIN) C1 C2 IN S1 S3 S4 S2 TCM828/ TCM829 |