データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1117 データシート(PDF) 2 Page - First Components International

部品番号 LM1117
部品情報  800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

LM1117 データシート(HTML) 2 Page - First Components International

  LM1117 Datasheet HTML 1Page - First Components International LM1117 Datasheet HTML 2Page - First Components International LM1117 Datasheet HTML 3Page - First Components International LM1117 Datasheet HTML 4Page - First Components International LM1117 Datasheet HTML 5Page - First Components International LM1117 Datasheet HTML 6Page - First Components International LM1117 Datasheet HTML 7Page - First Components International LM1117 Datasheet HTML 8Page - First Components International LM1117 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
Package
Temperature Range
Packing
0˚C to +125˚C
3-lead SOT-223
LM1117-ADJ-223
Tape and Reel
LM1117-2.85-223
Tape and Reel
LM1117-3.3-223
Tape and Reel
LM1117-5.0-223
Tape and Reel
3-lead TO-220
LM1117-ADJ-220
Rails
5 lead available
LM1117-2.85-220
Rails
suffix add 220-5L
LM1117-3.3-220
Rails
LM1117-5.0-220
Rails
3-lead TO-252
LM1117-ADJ-252
Tape and Reel
5 lead available
LM1117-2.85-252
Tape and Reel
suffix add 252-5L
LM1117-3.3-252
Tape and Reel
LM1117-5.0-252
Tape and Reel
Block Diagram
2
LM1117 800mA Low-dropout Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14