| データシートサーチシステム |
|
74LVC1T45DW データシート(PDF) 11 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
74LVC1T45DW データシート(HTML) 11 Page - Diodes Incorporated |
|
11 / 14 page ![]() 74LVC1T45 Document number: DS35804 Rev. 2 - 2 11 of 14 www.diodes.com June 2013 © Diodes Incorporated 74LVC1T45 Package Outline Dimensions (cont.) (All dimensions in mm.) Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. (4) Package Type X2-DFN1010-6 (5) Package Type: X2-DFN1410-6 (6) Package Type: X2-DFN1409-6 CHIP SCALE ALTERNATIVE X2-DFN1010-6 Dim Min Max Typ A –– 0.40 0.39 A1 0.00 0.05 0.02 A3 –– –– 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 D 0.95 1.05 1.00 E 0.95 1.05 1.00 e –– –– 0.35 L 0.35 0.45 0.40 K 0.15 –– –– Z –– –– 0.065 All Dimensions in mm X2-DFN1410-6 Dim Min Max Typ A –– 0.40 0.39 A1 0.00 0.05 0.02 A3 –– –– 0.13 b 0.15 0.25 0.20 D 1.35 1.45 1.40 E 0.95 1.05 1.00 e –– –– 0.50 L 0.25 0.35 0.30 Z –– –– 0.10 Z1 0.045 0.105 0.075 All Dimensions in mm X2-DFN1409-6 Dim Min Max Typ A - 0.40 0.39 A1 0 0.05 0.02 A3 - - 0.13 Ø 0.20 0.30 0.25 D 1.35 1.45 1.40 E 0.85 0.95 0.90 e1 - - 0.50 e2 - - 0.50 Z1 - - 0.075 Z2 - - 0.075 All Dimensions in mm A A1 A3 D E Z(4x) b(6x) e L(6x) K (Pin #1 ID) b1 D E e L(6x) A A3 (Pin #1 ID) Seating Plane Z(4x) A1 b(6x) Z1(4x) D E e1 A A3 ( Pin #1 ID) Seating Plane Z1( 4x) A1 Ø( 6x) e2 Z2( 4x) |