| データシートサーチシステム |
|
LP5900SD-2.7/NOPB データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5900SD-2.7/NOPB データシート(HTML) 4 Page - Texas Instruments |
|
4 / 25 page ![]() LP5900 SNVS358O – JULY 2005 – REVISED MAY 2013 www.ti.com Thermal Properties Junction to Ambient Thermal Resistance θJA (1) JEDEC Board (DSBGA) (2) 88°C/W 4L Cellphone Board (DSBGA) 157.4°C/W JEDEC Board (WSON-6)(2) 77.3°C/W (1) Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists, special care must be paid to thermal dissipation issues in board design. (2) Detailed description of the board can be found in JESD51-7 Electrical Characteristics Limits in standard typeface are for TA = 25ºC. Limits in boldface type apply over the full operating junction temperature range (-40°C ≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP5900 Typical Application Circuit (pg. 1) with: VIN = VOUT (NOM) + 1.0V, VEN = 1.2V, CIN = COUT = 0.47 μF, IOUT = 1.0 mA. (1), (2) Symbol Parameter Conditions Min Typ Max Units VIN Input Voltage 2.5 5.5 V ΔVOUT Output Voltage Tolerance VIN = (VOUT(NOM) + 1.0V) to 5.5V, IOUT = 1 −2 2 % mA to 150mA Line Regulation VIN = (VOUT(NOM) + 1.0V) to 5.5V, IOUT = 1 0.05 %/V mA Load Regulation IOUT = 1 mA to 150 mA 0.001 %/mA ILOAD Load Current (3) 0 mA Maximum Output Current 150 IQ Quiescent Current (4) VEN = 1.2V, IOUT = 0 mA 25 50 VEN = 1.2V, IOUT = 150 mA 160 230 µA VEN = 0.3V (Disabled) 0.003 1.0 IG Ground Current (5) IOUT = 0 mA (VOUT = 2.5V) 30 µA VDO Dropout Voltage(6) IOUT = 150 mA 80 150 mV ISC Short Circuit Current Limit (7) 300 mA PSRR Power Supply Rejection Ratio f = 100 Hz, IOUT = 150 mA 85 (8) f = 1 kHz, IOUT = 150 mA 75 f = 10 kHz, IOUT = 150 mA 65 dB f = 50 kHz, IOUT = 150 mA 52 f = 100 kHz, IOUT = 150 mA 40 en Output Noise Voltage BW = 10 Hz to 100 IOUT = 0 mA 7 μVRMS (8) kHz, VIN = 4.2V IOUT = 1 mA 10 IOUT = 150 mA 6.5 TSHUTDOWN Thermal Shutdown Temperature 160 ºC Hysteresis 20 Login Input Thresholds VIL Low Input Threshold (VEN) VIN = 2.5V to 5.5V 0.4 V VIH High Input Threshold (VEN) VIN = 2.5V to 5.5V 1.2 V (1) All voltages are with respect to the potential at the GND pin. (2) Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely norm. (3) The device maintains a stable, regulated output voltage without a load current. (4) Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT. (5) Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device. (6) Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its nominal value. This parameter only applies to output voltages above 2.5V. (7) Short Circuit Current is measured with VOUT pulled to 0v and VIN worst case = 6.0V. (8) This specification is specified by design. 4 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LP5900 |