| データシートサーチシステム |
|
LP5900TL-2.2/NOPB データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5900TL-2.2/NOPB データシート(HTML) 13 Page - Texas Instruments |
|
13 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-May-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP5900SDX-1.8 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L17 LP5900SDX-1.8/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L17 LP5900SDX-2.0 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L18 LP5900SDX-2.0/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L18 LP5900SDX-2.2 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L19 LP5900SDX-2.2/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L19 LP5900SDX-2.5 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L13 LP5900SDX-2.5/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L13 LP5900SDX-2.7 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L14 LP5900SDX-2.7/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L14 LP5900SDX-2.8 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L12 LP5900SDX-2.8/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L12 LP5900SDX-3.0 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L20 LP5900SDX-3.0/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L20 LP5900SDX-3.3 ACTIVE WSON NGF 6 4500 TBD Call TI Call TI -40 to 125 L16 LP5900SDX-3.3/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L16 LP5900TL-1.5/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-1.575/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-1.8/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 |