データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F372R8 データシート(PDF) 46 Page - STMicroelectronics

部品番号 STM32F372R8
部品情報  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372R8 データシート(HTML) 46 Page - STMicroelectronics

Back Button STM32F372R8 Datasheet HTML 42Page - STMicroelectronics STM32F372R8 Datasheet HTML 43Page - STMicroelectronics STM32F372R8 Datasheet HTML 44Page - STMicroelectronics STM32F372R8 Datasheet HTML 45Page - STMicroelectronics STM32F372R8 Datasheet HTML 46Page - STMicroelectronics STM32F372R8 Datasheet HTML 47Page - STMicroelectronics STM32F372R8 Datasheet HTML 48Page - STMicroelectronics STM32F372R8 Datasheet HTML 49Page - STMicroelectronics STM32F372R8 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
Memory mapping
STM32F37x
46/128
Doc ID 022691 Rev 3
5
Memory mapping
Figure 6.
STM32F37x memory map
0xFFFF FFFF
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0
1
2
3
4
5
6
7
Cortex-M4F
Internal
Peripherals
Peripherals
SRAM
CODE
Option bytes
System memory
Flash memory
Flash, system memory
or SRAM, depending
on BOOT configuration
AHB2
AHB1
APB2
APB1
0x4800 17FF
0x4800 0000
0x4002 43FF
0x4002 0000
0x4001 6C00
0x4001 0000
0x4000 A000
0x4000 0000
0x1FFF FFFF
0x1FFF F800
0x1FFF D800
0x0804 0000
0x0800 0000
0x0004 0000
0x0000 0000
Reserved
MS30360V1
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More