| データシートサーチシステム |
|
STM32F372VB データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F372VB データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 128 page ![]() Table 12. Alternate functions for port PA Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF14 AF15 PA0 TIM2_ CH1_ ETR TIM5_ CH1_ ETR TSC_ G1_IO1 USART2_CTS COMP1 _OUT TIM19 _CH1 EVENT OUT PA1 TIM2_ CH2 TIM5_ CH2 TSC_ G1_IO2 SPI3_SCK/ I2S3_CK USART2_RTS TIM15_ CH1N TIM19 _CH2 EVENT OUT PA2 TIM2_ CH3 TIM5_ CH3 TSC_ G1_IO3 SPI3_MISO/ I2S3_MCK USART2_TX COMP2 _OUT TIM15_ CH1 TIM19 _CH3 EVENT OUT PA3 TIM2_ CH4 TIM5_ CH4 TSC_ G1_IO4 SPI3_MOSI /I2S3_SD USART2_RX TIM15_ CH2 TIM19 _CH4 EVENT OUT PA4 TIM3_ CH2 TSC_ G2_IO1 SPI1_NSS/ I2S1_WS SPI3_NSS/ I2S3_WS USART2_CK TIM12 _CH1 EVENT OUT PA5 TIM2_ CH1_ ETR TSC_ G2_IO2 SPI1_SCK/ I2S1_CK CEC TIM14_ CH1 TIM12 _CH2 EVENT OUT PA6 TIM16_ CH1 TIM3_ CH1 TSC_ G2_IO3 SPI1_MISO /I2S1_MCK COMP1 _OUT TIM13_ CH1 EVENT OUT PA7 TIM17_ CH1 TIM3_ CH2 TSC_ G2_IO4 SPI1_MOSI /I2S1_SD COMP2 _OUT TIM14_ CH1 EVENT OUT PA8 MCO TIM5_ CH1_ ETR I2C2_ SMBA SPI2_SCK/ I2S2_CK USART1_CK TIM4_ ETR EVENT OUT PA9 TIM13 _CH1 TSC_ G4_IO1 I2C2_ SCL SPI2_MISO /I2S2_MCK USART1_TX TIM15_ BKIN TIM2_ CH3 EVENT OUT PA10 TIM17_ BKIN TSC_ G4_IO2 I2C2_ SDA SPI2_MOSI /I2S2_SD USART1_RX TIM14_ CH1 TIM2_ CH4 EVENT OUT PA11 TIM5_ CH2 SPI2_NSS/ I2S2_WS SPI1_NSS/ I2S1_WS USART1_CTS COMP1 _OUT CAN_ RX TIM4_ CH1 USB_ DM EVENT OUT PA12 TIM16_ CH1 TIM5_ CH3 SPI1_SCK/ I2S1_CK USART1_RTS COMP2 _OUT CAN_TX TIM4_ CH2 USB_ DP EVENT OUT |