| データシートサーチシステム |
|
STM32F373V8 データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373V8 データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 128 page ![]() STM32F37x Pinouts and pin description Doc ID 022691 Rev 3 33/128 11 G2 PF10 I/O FT (1) 12 F1 5 5 PF0 - OSC_IN I/O FTf I2C2_SDA OSC_IN 13 G1 6 6 PF1 - OSC_OUT I/O FTf I2C2_SCL OSC_OUT 14 H2 7 7 NRST I/O RST Device reset input / internal reset output (active low) 15 H1 8 PC0 I/O TTa (1) TIM5_CH1_ETR ADC_IN10 16 J2 9 PC1 I/O TTa (1) TIM5_CH2 ADCIN11 17 J3 10 PC2 I/O TTa (1) SPI2_MISO/I2S2_MCK, TIM5_CH3 ADC_IN12 18 K2 11 PC3 I/O TTa (1) SPI2_MOSI/I2S2_SD, TIM5_CH4 ADC_IN13 19 J1 PF2 I/O FT (1) I2C2_SMBA 20 K1 12 8 VSSA/VREF- S Analog ground 9 VDDA/VREF+ S (1) Analog power supply / Reference voltage for ADC, COMP, DAC 21 M1 13 VDDA S (1) Analog power supply 22 L1 17 VREF+ S (1) Reference voltage for ADC, COMP, DAC 23 L2 14 10 PA0 I/O TTa USART2_CTS, TIM2_CH1_ETR, TIM5_CH1_ETR, TIM19_CH1, TSC_G1_IO1, COMP1_OUT RTC_ TAMPER2, WKUP1, ADC_IN0, COMP1_INM 24 M2 15 11 PA1 I/O TTa SPI3_SCK/I2S3_CK, USART2_RTS, TIM2_CH2, TIM15_CH1N, TIM5_CH2, TIM19_CH2, TSC_G1_IO2, ADC_IN1, COMP1_INP, RTC_REF_CLK_IN 25 K3 16 12 PA2 I/O TTa COMP2_OUT, SPI3_MISO/I2S3_MCK, USART2_TX, TIM2_CH3, TIM15_CH1, TIM5_CH3, TIM19_CH3, TSC_G1_IO3 ADC_IN2, COMP2_INM 26 L3 18 13 PA3 I/O TTa SPI3_MOSI/I2S3_SD, USART2_RX, TIM2_CH4, TIM15_CH2, TIM5_CH4, TIM19_CH4, TSC_G1_IO4 ADC_IN3, COMP2_INP 27 E3 PF4 I/O FT (1) 28 H3 19 17 VDD_2 S Digital power supply Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |