| データシートサーチシステム |
|
STM32F373VB データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373VB データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 128 page ![]() Memory mapping STM32F37x 48/128 Doc ID 022691 Rev 3 APB2 0x4001 6800 - 0x4001 6BFF 1 KB SDADC3 0x4001 6400 - 0x4001 67FF 1 KB SDADC2 0x4001 6000 - 0x4001 63FF 1 KB SDADC1 0x4001 5C00 - 0x4001 5FFF 1 KB TIM19 0x4001 4C00 - 0x4001 5BFF 4KB Reserved 0x4001 4800 - 0x4001 4BFF 1 KB TIM17 0x4001 4400 - 0x4001 47FF 1 KB TIM16 0x4001 4000 - 0x4001 43FF 1 KB TIM15 0x4001 3C00 - 0x4001 3FFF 1KB Reserved 0x4001 3800 - 0x4001 3BFF 1 KB USART1 0x4001 3400 - 0x4001 37FF 1KB Reserved 0x4001 3000 - 0x4001 33FF 1 KB SPI1/I2S1 0x4001 2800 - 0x4001 2FFF 1KB Reserved 0x4001 2400 - 0x4001 27FF 1 KB ADC 0x4001 0800 - 0x4001 23FF 7KB Reserved 0x4001 0400 - 0x4001 07FF 1 KB EXTI 0x4001 0000 - 0x4001 03FF 1 KB SYSCFG 0x4000 4000 - 0x4000 FFFF 24 KB Reserved APB1 0x4000 9C00 – 0x4000 9FFF 1 KB TIM18 0x4000 9800 - 0x4000 9BFF 1 KB DAC2 0x4000 7C00 - 0x4000 97FF 8KB Reserved 0x4000 7800 - 0x4000 7BFF 1 KB CEC 0x4000 7400 - 0x4000 77FF 1 KB DAC1 0x4000 7000 - 0x4000 73FF 1 KB PWR 0x4000 6800 - 0x4000 6FFF 2KB Reserved 0x4000 6400 - 0x4000 67FF 1 KB CAN 0x4000 6000 - 0x4000 63FF 1 KB USB packet SRAM 0x4000 5C00 - 0x4000 5FFF 1 KB USB FS Table 18. STM32F37x peripheral register boundary addresses (continued) Bus Boundary address Size Peripheral |