| データシートサーチシステム |
|
STM32F373CC データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373CC データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 128 page ![]() STM32F37x Pinouts and pin description Doc ID 022691 Rev 3 35/128 43 L9 PE12 I/O TC (2) (1) SDADC1_AIN0P, SDADC2_AIN3P, SDADC2_AIN4M 44 M10 PE13 I/O TC (2) (1) SDADC1_AIN0M , SDADC2_AIN2P 45 M11 PE14 I/O TC (2) (1) SDADC2_AIN1P, SDADC2_AIN2M 46 M12 PE15 I/O TC (2) (1) USART3_RX SDADC2_AIN0P 47 L10 PB10 I/O TC (2) (1) SPI2_SCK/I2S2_CK, USART3_TX, CEC, TSC_SYNC, TIM2_CH3 SDADC2_AIN0M 48 L11 VREFSD- S (1) External reference voltage for SDADC1, SDADC2, SDADC3 (negative input) 49 F12 VSSSD S (1) SDADC1, SDADC2, SDADC3 ground 31 23 VSSSD/ VREFSD- S SDADC1, SDADC2, SDADC3 ground / External reference voltage for SDADC1, SDADC2, SDADC3 (negative input) 50 G12 VDDSD12 S (1) SDADC1 and SDADC2 power supply 32 24 VDDSD S SDADC1, SDADC2, SDADC3 power supply 51 L12 VDDSD3 S (1) SDADC3 power supply 52 K12 33 25 VREFSD+ S External reference voltage for SDADC1, SDADC2, SDADC3 (positive input) 53 K11 34 26 PB14 I/O TC (3) SPI2_MISO/I2S2_MCK, USART3_RTS, TIM15_CH1, TIM12_CH1, TSC_G6_IO1 SDADC3_AIN8P 54 K10 35 27 PB15 I/O TC (3) SPI2_MOSI/I2S2_SD, TIM15_CH1N, TIM15_CH2, TIM12_CH2, TSC_G6_IO2 SDADC3_AIN7P, SDADC3_AIN8M, RTC_REFCLKIN 55 K9 36 28 PD8 I/O TC (3) SPI2_SCK/I2S2_CK, USART3_TX, TSC_G6_IO3 SDADC3_AIN6P 56 K8 PD9 I/O TC (3) (1) USART3_RX, TSC_G6_IO4 SDADC3_AIN5P, SDADC3_AIN6M 57 J12 PD10 I/O TC (3) (1) USART3_CK SDADC3_AIN4P 58 J11 PD11 I/O TC (3) (1) USART3_CTS SDADC3_AIN3P, SDADC3_AIN4M 59 J10 PD12 I/O TC (3) (1) USART3_RTS, TIM4_CH1, TSC_G8_IO1 SDADC3_AIN2P Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |