| データシートサーチシステム |
|
FX3 データシート(PDF) 20 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
FX3 データシート(HTML) 20 Page - Cypress Semiconductor |
|
20 / 45 page ![]() CYUSB301X Document Number: 001-52136 Rev. *N Page 20 of 45 C4 VIO4 I/O GPIO[57] GPIO GPIO GPIO I2S_MCLK I2S_MCLK I2S_MCLK USB Port (VBATT/VBUS Power Domain) C9 VBUS/ VBATT I OTG_ID OTG_ID USB Port (U3TXVDDQ/U3RXVDDQ Power Domain) A3 U3RXVDDQ I SSRXM SSRX- A4 U3RXVDDQ I SSRXP SSRX+ A6 U3TXVDDQ O SSTXM SSTX- A5 U3TXVDDQ O SSTXP SSTX+ USB Port (VBATT/VBUS Power Domain) A9 VBUS/VBATT I/O DP D+ A10 VBUS/VBATT I/O DM D– A11 NC No connect Crystal/Clocks (CVDDQ Power Domain) B2 CVDDQ I FSLC[0] FSLC[0] C6 AVDD I/O XTALIN XTALIN C7 AVDD I/O XTALOUT XTALOUT B4 CVDDQ I FSLC[1] FSLC[1] E6 CVDDQ I FSLC[2] FSLC[2] D7 CVDDQ I CLKIN CLKIN D6 CVDDQ I CLKIN_32 CLKIN_32 I2C and JTAG (VIO5 Power Domain) D9 VIO5 I/O I2C_GPIO[58] I2C_SCL D10 VIO5 I/O I2C_GPIO[59] I2C_SDA E7 VIO5 I TDI TDI C10 VIO5 O TDO TDO B11 VIO5 I TRST# TRST# E8 VIO5 I TMS TMS F6 VIO5 I TCK TCK D11 VIO5 O O[60] Charger detect output Power E10 PWR VBATT B10 PWR VDD A1 PWR U3VSSQ E11 PWR VBUS D8 PWR VSS H11 PWR VIO1 E2 PWR VSS L9 PWR VIO1 G1 PWR VSS F1 PWR VIO2 G11 PWR VSS E3 PWR VIO3 L1 PWR VSS B1 PWR VIO4 L6 PWR VSS Table 8. CYUSB3011 and CYUSB3013 Pin List (GPIF II with 16-bit Data Bus Width) (continued) Pin I/O Name Description |