データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDDCD4S データシート(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

部品番号 MDDCD4S
部品情報  Voltage Range - 200 to 1000 Volts Current - 1.0 Ampere Ideal for printed circuit board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
ホームページ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MDDCD4S データシート(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MDDCD4S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MDDCD4S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MDDCD4S Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDD ELECTRONIC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
15
30
-55 to +150
-55 to +150
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
CD2S
1.0
NOTES: Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=75
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per leg at 0.4A
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=75
Typical junction capactiance per leg(Note)
Typical thermal resistance per leg
Operating temperature range
storage temperature range
CJ
R JA
TJ
TSTG
IR
VF
uA
uA
1.0
35
5.0
50
CD6S
CD4S
CD8S
CD10S
pF
/W
MDD Catalog Number
MDD
MDD
MDD
MDD
MDD
Based on MIL-STD-105E LEVEL II , set the acceptable level as below.
Item
Critical
Major
Minor
0.10(Electrical)
0.25(Physical)
0.01
1.00
AQL(%)
Signification , Storage and Shipment
1. The signification on the bridge rectifier body can be determined by customer.
It will be 100% followed up as the instruction from customer.
2. The parts will be packed in the boxes, and the quantity in one box can be
offered by customer. The boxes will be delivered by internal express company.
3. Please keep the parts being stored in the environment with humidity lower
than 75%.



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com