| データシートサーチシステム |
|
AD679AD データシート(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD679AD データシート(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() AD679 REV. D –14– OUTLINE DIMENSIONS 28-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP] (D-28) Dimensions shown in inches and (millimeters) 28 114 15 0.610 (15.49) 0.580 (12.73) PIN 1 0.100 (2.54) MAX 0.005 (0.13) MIN SEATING PLANE 0.026 (0.66) 0.014 (0.36) 0.060 (1.52) 0.015 (0.38) 0.085 (2.16) MAX 0.200 (5.08) 0.125 (3.18) 0.070 (1.78) 0.030 (0.76) 0.150 (3.81) MIN 1.490 (37.85) MAX 0.100 (2.54) 0.620 (15.75) 0.590 (14.99) 0.018 (0.46) 0.008 (0.20) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN 28-Lead Plastic Dual In-Line Package [PDIP] Wide Body (N-28) Dimensions shown in inches and (millimeters) 28 114 15 0.610 (15.49) 0.580 (12.73) PIN 1 0.100 (2.54) MAX 0.005 (0.13) MIN SEATING PLANE 0.026 (0.66) 0.014 (0.36) 0.060 (1.52) 0.015 (0.38) 0.085 (2.16) MAX 0.200 (5.08) 0.125 (3.18) 0.070 (1.78) 0.030 (0.76) 0.150 (3.81) MIN 1.490 (37.85) MAX 0.100 (2.54) 0.620 (15.75) 0.590 (14.99) 0.018 (0.46) 0.008 (0.20) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |