データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9912ABCPZ データシート(PDF) 3 Page - Analog Devices

部品番号 AD9912ABCPZ
部品情報  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ データシート(HTML) 3 Page - Analog Devices

  AD9912ABCPZ Datasheet HTML 1Page - Analog Devices AD9912ABCPZ Datasheet HTML 2Page - Analog Devices AD9912ABCPZ Datasheet HTML 3Page - Analog Devices AD9912ABCPZ Datasheet HTML 4Page - Analog Devices AD9912ABCPZ Datasheet HTML 5Page - Analog Devices AD9912ABCPZ Datasheet HTML 6Page - Analog Devices AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9912
Rev. F | Page 3 of 40
REVISION HISTORY
6/10—Rev. E to Rev. F
Changed Default Value of Register 0x003 to 0x19 (Table 12).....31
5/10—Rev. D to Rev. E
Deleted 64-Lead LFCSP (CP-64-1).................................. Universal
Changes to SYSCLK PLL Enabled/ Maximum Input Rate of System
Clock PFD, Table 2
...............................................................................6
Updated Outline Dimensions........................................................39
Changes to Ordering Guide...........................................................39
11/09—Rev. C to Rev. D
Added 64-Lead LFCSP (CP-64-7).................................... Universal
Changes to Serial Port Timing Specifications and
Propagation Delay Parameters ........................................................6
Added Exposed Paddle Notation to Figure 2 ................................8
Changes to Power Supply Partitioning Section...........................25
Change to Serial Control Port Section .........................................26
Changes to Figure 52 ......................................................................28
Added Exposed Paddle Notation to Outline Dimensions.........38
Changes to Ordering Guide...........................................................39
7/09—Rev. B to Rev. C
Changes to Logic Outputs Parameter, Table 1 ..............................3
Changes to AVDD (Pin 25, Pin 26, Pin 29, and Pin 30) ............25
6/09—Rev. A to Rev. B
Changes to Figure 40 and Direct Digital Synthesizer Section ..17
Changes to Figure 48 ......................................................................22
Changes to Table 11 ........................................................................30
Changes to Table 22 and Table 23.................................................34
1/08—Rev. 0 to Rev. A
Changes to Table 1 ............................................................................3
Changes to Table 2 ............................................................................5
Changes to Table 4 ............................................................................8
Changes to Typical Performance Characteristics .......................10
Changes to Functional Description Section................................19
Changes to Single-Ended CMOS Output Section ......................21
Changes to Harmonic Spur Reduction Section ..........................21
Changes to Power Supply Partitioning Section...........................25
10/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40