データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ROCHESTER3 データシート(PDF) 2 Page - Rochester Electronics

部品番号 ROCHESTER3
部品情報  A Rochester Electronics White Paper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ROCHESTER3 データシート(HTML) 2 Page - Rochester Electronics

  ROCHESTER3 Datasheet HTML 1Page - Rochester Electronics ROCHESTER3 Datasheet HTML 2Page - Rochester Electronics ROCHESTER3 Datasheet HTML 3Page - Rochester Electronics ROCHESTER3 Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
 
© 2011 Rochester Electronics, LLC
Page 2
July 2011
All Rights Reserved
 
Executive Summary
Semiconductor end-of-life is an ever-present problem in every electronics manufacturing industry today, and it’s
not going away. The goal has always been to purchase a replacement that is the exact form, fit, and function as
the original. Lately, companies have been offering a variety to aftermarket “substitute” solutions they claim to be
form, fit, and function replacements; however, manufacturers are finding from experience that these parts often
fall far short of that promise.
Logistically as well as technically, these substitutes are incomplete, short-lived patches rather than
comprehensive, permanent solutions. Throughout the semiconductor industry, in this consumer-driven
semiconductor economy, the life expectancy of any component – these substitutes included – is usually less than
three years. Obsolescence is always right around the corner.
This paper will discuss some of the substitute solutions available and demonstrate how Rochester Electronics’
Extension-of-Life
® solutions can guarantee a never-ending supply of the exact components you need – authorized
by the original manufacture to have the exact form, fit, and function of the originals.
The recommended end-of-life strategy
 
Usually the most expeditious and economical response to an end-of-life notice is to make a last-time buy (LTB) …
to stockpile the number of components necessary for the life of the program. At a bare minimum, an LTB of the
semiconductor wafer-level product should be made. However, that is not always possible. Sometimes inventory
just is not available. Sometimes manufacturers miss the “window of opportunity.” Sometimes manufacturers do
not have the financing necessary to make the large, single-order purchase. Or they don’t have the facilities to
safely store the inventory if they could obtain it.
As for purchasing the components on an as-needed basis, manufactures are constantly warned to avoid
counterfeit and substandard replacement parts by buying only from the original manufacturer or their authorized
distributors. Availability can be a problem.
 
Substitute options may not provide exact form, fit, and functional
replacements
 
The most commonly offered substitute solutions to support ongoing functional needs of discontinued
semiconductors are:
Emulation – An integrated circuit manufactured using a customized, pre-prepared silicon die. It is
manufactured using a silicon technology different from the one used on the original part, and is modified
to demonstrate operational functionality similar to that of the original semiconductor. An emulation
simulates or mimics the functionality of the original. Emulation is expensive, and almost always requires a
lengthy and expensive trial-and-error foundry process, which is usually not included the initial cost
estimate. Ultimately, emulated parts must be fully re-qualified because the emulation environment simply
cannot repeat the system environment for timing, noise sensitivities, power, handling, and functionality.
Note: MIL-M-38510 specification required that emulated parts must have different part numbers than the
original devices.
ASIC – An application-specific integrated circuit that is customized for a particular use, rather than
intended for general-purpose use. In order to be used as a replacement part, ASIC components must be
fully customized for end use by a semiconductor manufacturer using their commercial process to replicate
the electrical functionality of the original semiconductor. The manufacturing process for ASIC components
can be very expensive compared to the cost of some the other approaches. An ASIC approach to
obsolescence is done using gate array or standard cell technologies and methodologies.



Html Pages

1 2 3 4