| データシートサーチシステム |
|
24LC02B-SN データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC02B-SN データシート(HTML) 13 Page - Microchip Technology |
|
13 / 32 page ![]() © 2009 Microchip Technology Inc. DS21709J-page 13 24AA02/24LC02B Part Number 1st Line Marking Codes TSSOP MSOP SOT-23 DFN TDFN SC-70 I Temp. E Temp. I Temp. E Temp. I Temp. E Temp. I Temp. E Temp. 24AA02 4A02 4A02T B2NN — 221 — A21 — B5NN — 24LC02B 4L02 4L2BT M2NN N2NN 224 225 A24 A25 B4NN B6NN Note: T = Temperature grade (I, E) NN = Alphanumeric traceability code Legend: XX...X Part number or part number code T Temperature (I, E) Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn) Note: For very small packages with no room for the Pb-free JEDEC designator , the marking will only appear on the outer carton or reel label. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead 2x3 DFN XXX YWW NN 224 527 13 Example: 5-Lead SC-70 Example: XXNN B43F 8-Lead 2x3 TDFN XXX YWW NN A24 527 13 Example: Note: Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion. *Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. |