| データシートサーチシステム |
|
CRM2512-FX-R330ELF データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CRM2512-FX-R330ELF データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() REV. 03/13 Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. CRM2512 - Pulse Resistant Power Resistor Packaging Dimensions (Conforms to EIA RS-481A) 3.60 ± 0.20 (0.142 ± 0.008) 2.0 ± 0.05 (0.079 ± 0.002) 4.0 ± 0.05 (0.157 ± 0.002) 4.0 ± 0.1 (0.157 ± 0.004) 1.5 +0.1/-0 (0.059 +0.004/-0) DIA. 1.5 (0.059) DIA. MIN. 0.85 ± 0.15 (0.033 ± 0.006) 6.9 ± 0.2 (0.272 ± 0.008) 5.5 ± 0.05 (0.217 ± 0.002) 1.75 ± 0.1 (0.069 ± 0.004) 12.0 ± 0.2 (0.472 ± 0.008) TOP TAPE PAPER TAPE RESISTOR USER DIRECTION OF FEED 60.0 (2.362) MIN. DIA. DIA. 180 +0/-3 (7.09 +0/-0.118) 13.0 ± 1.0 (0.512 ± 0.039) DIA. 15.4 ± 2.0 (0.606 ± 0.079) 13.0 ± 1.0 (0.512 ± 0.039) DIMENSIONS: MM (INCHES) |