| データシートサーチシステム |
|
TLK10232 データシート(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLK10232 データシート(HTML) 39 Page - Texas Instruments |
|
39 / 102 page ![]() > 32 "1's" 0 1 Z PA[4:0] D15 D0 1 0 0 Idle 1 Start Read Code PHY Addr Turn Around Data REG Addr 5'h1F Preamble MDC MDIO > 32 "1's" 0 1 1 PA[4:0] 16'h9000 0 1 0 Idle 1 Start Write Code PHY Addr Turn Around Data REG Addr 5'h1E Preamble MDC MDIO > 32 "1's" 0 1 1 PA[4:0] DATA 0 1 0 Idle 1 Start Write Code PHY Addr Turn Around Data REG Addr 5'h1F Preamble MDC MDIO > 32 "1's" 0 1 1 PA[4:0] 16'h9000 0 1 0 Idle 1 Start Write Code PHY Addr Turn Around Data REG Addr 5'h1E Preamble MDC MDIO TLK10232 www.ti.com SLLSEE1 – MAY 2013 Figure 7-11. CL22 – Indirect Address Method – Address Write Figure 7-12. CL22 - Indirect Address Method – Data Write Following timing diagrams illustrate an example read transaction to read contents of Register 16’h9000 using indirect addressing in Clause 22. Figure 7-13. CL22 - Indirect Address Method – Address Write Figure 7-14. CL22 - Indirect Address Method – Data Read 7.9 Programmers Reference Channel identification is based on PHY (Port) address field. Channel A can be accessed by setting LSB of PHY address to 0. Channel B can be accessed by setting LSB of PHY address to 1. Copyright © 2013, Texas Instruments Incorporated ADDITIONAL FEATURES 39 Submit Documentation Feedback Product Folder Links: TLK10232 |