データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7491LP13TR データシート(PDF) 30 Page - STMicroelectronics

部品番号 TDA7491LP13TR
部品情報  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP13TR データシート(HTML) 30 Page - STMicroelectronics

Back Button TDA7491LP13TR Datasheet HTML 26Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 27Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 28Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 29Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 30Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 31Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 32Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 33Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Applications information
TDA7491LP
30/37
Doc ID 13541 Rev 5
Emission tests have been performed with a 1-m length of twisted speaker wire with ferrite
beads. Changing the type of the ferrite bead requires care due to factors such as its
effectiveness in the EMC frequency range and impedance stability over the rated current
range. An output snubber network further improves the emissions and this should be tuned
according to the actual PCB, layout and component characteristics.
Figure 34.
Filterless application schematic
AM045140v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37