データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24256-DF データシート(PDF) 7 Page - STMicroelectronics

部品番号 M24256-DF
部品情報  256-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DF データシート(HTML) 7 Page - STMicroelectronics

Back Button M24256-DF Datasheet HTML 3Page - STMicroelectronics M24256-DF Datasheet HTML 4Page - STMicroelectronics M24256-DF Datasheet HTML 5Page - STMicroelectronics M24256-DF Datasheet HTML 6Page - STMicroelectronics M24256-DF Datasheet HTML 7Page - STMicroelectronics M24256-DF Datasheet HTML 8Page - STMicroelectronics M24256-DF Datasheet HTML 9Page - STMicroelectronics M24256-DF Datasheet HTML 10Page - STMicroelectronics M24256-DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
Description
Doc ID 6757 Rev 30
7/40
Figure 2.
8-pin package connections
1.
DU: Don't Use (if connected, must be connected to VSS)
2.
See Section 9: Package mechanical data for package dimensions, and how to identify pin 1.
Figure 3.
WLCSP connections for the M24256-DFCS6TP/K
(top view, marking side, with balls on the underside)
Caution:
As EEPROM cells lose their charge (and so their binary value) when exposed to ultra violet
(UV) light, EEPROM dice delivered in wafer form or in WLCSP package by
STMicroelectronics must never be exposed to UV light.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40