データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T3050H データシート(PDF) 7 Page - STMicroelectronics

部品番号 T3050H
部品情報  Snubberless high temperature 30 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T3050H データシート(HTML) 7 Page - STMicroelectronics

  T3050H Datasheet HTML 1Page - STMicroelectronics T3050H Datasheet HTML 2Page - STMicroelectronics T3050H Datasheet HTML 3Page - STMicroelectronics T3050H Datasheet HTML 4Page - STMicroelectronics T3050H Datasheet HTML 5Page - STMicroelectronics T3050H Datasheet HTML 6Page - STMicroelectronics T3050H Datasheet HTML 7Page - STMicroelectronics T3050H Datasheet HTML 8Page - STMicroelectronics T3050H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
T3035H T3050H
Ordering information scheme
Doc ID 17029 Rev 4
7/9
3
Ordering information scheme
Figure 14.
Ordering information scheme
T 30 35
H - 6
T
Triac series
Current
Sensitivity
High Temperature
Voltage
in Arms
35 : 35 mA
50 : 50 mA
6 : 600 V
Package
T = TO-220AB
I = TO-220AB ins



Html Pages

1 2 3 4 5 6 7 8 9