| データシートサーチシステム |
|
BAS70-09P6FILM データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAS70-09P6FILM データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() Characteristics BAS70 2/14 Doc ID 12563 Rev 2 1 Characteristics Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 70 V IF Continuous forward current 70 mA IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 1 A Tstg Storage temperature range - 65 to +150 °C Tj Maximum operating junction temperature 150 °C TL Maximum soldering temperature 260 °C Table 3. Thermal parameters Symbol Parameter Value Unit Rth(j-a) Junction to ambient(1) 1. Epoxy printed circuit board with recommended pad layout SOD-123, SOT-23 500 °C/W SOT-323, SOD-323 550 SOD-523, SOT-666 600 Table 4. Static electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit IR (1) 1. Pulse test: tp = 5 ms, δ < 2 % Reverse leakage current Tj = 25 °C VR = 50 V 100 nA VR = 70 V 10 µA VF (2) 2. Pulse test: tp = 380 µs, δ < 2 % Forward voltage drop Tj = 25 °C IF = 1 mA 410 mV IF = 10 mA 750 IF = 15 mA 1000 Table 5. Dynamic characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit C Diode capacitance VR = 0 V, F = 1 MHz 2 pF RF Differential forward resistance IF = 10 mA, F = 100 MHz 30 Ω LS Series inductance 1.5 nH |