データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP32N65M5 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STP32N65M5
部品情報  N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP32N65M5 データシート(HTML) 16 Page - STMicroelectronics

Back Button STP32N65M5 Datasheet HTML 12Page - STMicroelectronics STP32N65M5 Datasheet HTML 13Page - STMicroelectronics STP32N65M5 Datasheet HTML 14Page - STMicroelectronics STP32N65M5 Datasheet HTML 15Page - STMicroelectronics STP32N65M5 Datasheet HTML 16Page - STMicroelectronics STP32N65M5 Datasheet HTML 17Page - STMicroelectronics STP32N65M5 Datasheet HTML 18Page - STMicroelectronics STP32N65M5 Datasheet HTML 19Page - STMicroelectronics STP32N65M5 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Package mechanical data
STB/F/I/P/W32N65M5
16/22
Doc ID 15316 Rev 4
Figure 29.
TO-220 type A drawing
0015988_typeA_Rev_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22