| データシートサーチシステム |
|
ADP5063ACPZ-1-R7 データシート(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5063ACPZ-1-R7 データシート(HTML) 27 Page - Analog Devices |
|
27 / 44 page ![]() Data Sheet ADP5063 Rev. 0 | Page 27 of 44 I2C REGISTER MAP See the Factory-Programmable Options section for programming option details. Note that a blank cell indicates a bit that is not used or is reserved for future use. Table 17. I2C Register Map Register D7 D6 D5 D4 D3 D2 D1 D0 Addr. Name 0x00 Manufac- turer and model ID MANUF[3:0] Model[3:0] 0x01 Silicon revision REV[3:0] 0x02 VINx pin settings ILIM[3:0]1 0x03 Termination settings VTRM[5:0]1, 2 CHG_VLIM[1:0]1, 2 0x04 Charging current settings ICHG[4:0]1, 2 ITRK_DEAD[1:0]1 0x05 Voltage thresholds DIS_RCH1, 3 VRCH[1:0]1 VTRK_DEAD[1:0]1, 3 VWEAK[2:0]1 0x06 Timer settings EN_TEND1 EN_CHG_TIMER1 CHG_TMR_PERIOD1 EN_WD1, 3 WD_PERIOD1 RESET_WD 0x07 Functional Settings 1 DIS_IC11 EN_BMON1 EN_THR1 DIS_LDO1 EN_EOC1 EN_CHG1 0x08 Functional Settings 2 EN_JEITA1, 3 JEITA_SELECT1, 3 EN_CHG_VLIM1,3 IDEAL_DIODE[1:0]1, 3 VSYSTEM[2:0]1, 3 0x09 Interrupt enable EN_THERM_LIM_INT EN_WD_INT EN_TSD_INT EN_THR_INT EN_BAT_INT EN_CHG_INT EN_VIN_INT 0x0A Interrupt active THERM_LIM_INT WD_INT TSD_INT THR_INT BAT_INT CHG_INT VIN_INT 0x0B Charger Status 1 VIN_OV VIN_OK VIN_ILIM THERM_LIM CHDONE CHARGER_STATUS[2:0] 0x0C Charger Status 2 THR_STATUS[2:0] RCH_LIM_INFO BATTERY_STATUS[2:0] 0x0D Fault BAT_SHR1 TSD 130°C1 TSD 140°C1 0x10 Battery short TBAT_SHR[2:0]1 VBAT_SHR[2:0]1 0x11 IEND IEND[2:0]1, 3 C/20 EOC1 C/10 EOC1 C/5 EOC1 SYS_EN_SET[1:0]1, 3 1 These bits reset to default I2C values when VINx is connected or disconnected. 2 The default I2C values of these bits are partially factory programmable. 3 The default I2C values of these bits are fully factory programmable. |