| データシートサーチシステム |
|
MF-USMF データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-USMF データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() “freeXpansion Design” is a trademark of Bourns, Inc. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. MF-USMF Series - PTC Resettable Fuses Typical Time to Trip at 23 ˚C The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific customer applications may differ from these values due to the influence of other variables. Thermal Derating Chart - Ihold (Amps) Model Ambient Operating Temperature -40 ˚C -20 ˚C 0 ˚C 23 ˚C 40 ˚C 50 ˚C 60 ˚C 70 ˚C 85 ˚C MF-USMF005 0.08 0.07 0.06 0.05 0.04 0.04 0.03 0.03 0.02 MF-USMF010 0.15 0.13 0.12 0.10 0.09 0.08 0.07 0.06 0.05 MF-USMF020 0.32 0.28 0.24 0.20 0.18 0.16 0.14 0.12 0.10 MF-USMF035 0.51 0.46 0.40 0.34 0.30 0.27 0.24 0.22 0.18 MF-USMF050 0.76 0.66 0.58 0.48 0.42 0.38 0.35 0.29 0.23 MF-USMF075 1.10 0.97 0.86 0.72 0.64 0.58 0.55 0.47 0.39 MF-USMF110 1.60 1.42 1.26 1.10 0.94 0.86 0.80 0.70 0.58 MF-USMF150 2.30 2.02 1.76 1.43 1.24 1.11 1.00 0.85 0.65 MF-USMF175X 2.80 2.45 2.10 1.75 1.55 1.45 1.35 1.25 1.10 0.001 0.01 0.1 1 10 100 0.1 1 10 100 Fault Current (Amps) MF-USMF010 MF-USMF020 MF-USMF035 MF-USMF050 MF-USMF150 MF-USMF175X MF-USMF110 MF-USMF075 MF-USMF005 How to Order MF - USMF 010 X - 2 Multifuse® Product Designator Series USMF = 1210 Surface Mount Component Hold Current, Ihold 005-175 (0.05-1.75 Amps) Multifuse® freeXpansion™ Design Packaging Packaged per EIA 481-1 -2 = Tape and Reel Typical Part Marking Represents total content. Layout may vary. PART IDENTIFICATION: MF-USMF005 = 0 MF-USMF010 = 1 MF-USMF020 = 2 MF-USMF035 = 3 MF-USMF050 = 4 MF-USMF075 = 5 MF-USMF110 = 6 MF-USMF150 = 8 MF-USMF175X = 9 BIWEEKLY DATE CODE: WEEK 1 AND 2 = A WEEK 51 AND 52 = Z 6 A UNDERSCORE SIGNIFIES HALOGEN FREE COMPLIANCE Asia-Pacific: TEL +886-2 25624117 • FAX +886-2 25624116 Europe: TEL +41-41 7685555 • FAX +41-41 7685510 The Americas: TEL +1-951 781-5500 • FAX +1-951 781-5700 www.bourns.com MF-USMF SERIES, REV. M, 04/10 |