| データシートサーチシステム |
|
H8PS-16B データシート(PDF) 14 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H8PS-16B データシート(HTML) 14 Page - Omron Electronics LLC |
|
14 / 32 page ![]() H8PS 14 ■ Accessories (Order Separately) CHECK CAM STEP CAM STEP Y92A-96N Y92A-96N 92 +0.8 0 92 +0.8 0 131.7 21.9 (2) 115.6 29.4 69.3 Cover dimensions CAM STEP CHECK CAM STEP Watertight Cover Y92A-96N Use for flush mounting when waterproofing is required. The Y96A-96N conforms to IP66 and NEMA4 (for indoor use) standards for waterproofing. The operating environment may cause the waterproof packing to deteriorate, shrink, or harden. Therefore, it is recommended that the packing be replaced regularly. Panel Cutout Protective Cover Y92A-96B A hardened Y92A-96B Protective Cover is available. Use it for the following: • To protect the front panel from dust and dirt. • To prevents the set value from being altered due to accidental contact with the keys or switches. DIN Track Mounting Base Y92F-91 Discrete Wire Output Cable Y92S-41-200 Cable length: 2 m Connector-type Output Cable E5ZE-CBL200 Cable length: 2 m 1 35 ±0.3 7.3 ±0.15 27 ±0.15 4.5 15 25 25 10 15 (5)* 10 25 25 * The numbers in parentheses () are dimensions for the PFP-50N. 1,000 (500)* 15 25 25 1,000 4.5 25 25 15 10 1 24 27 35 ±0.3 16 1.5 29.2 10 4.8 1.3 35.5 35.3 1.8 1 1.8 10 6.2 M4 spring washer 50 11.5 M4 x 8 pan-head screw 10 5 16 12 44.3 34.8 16.5 Mounting Track PFP-100N PFP-50N PFP-100N2 End Plate PFP-M Spacer PFP-S |