| データシートサーチシステム |
|
E3JK-R4M22M データシート(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3JK-R4M22M データシート(HTML) 3 Page - Omron Electronics LLC |
|
3 / 13 page ![]() 3 E3JM/E3JK Mounting Bracket Some Mounting Brackets are provided with the Sensor. Order other Mounting Brackets separately if required. (Refer to E39-L/F39-L/E39-S/E39-R) Note: 1. When using a Through-beam Sensor, order one Connector for the Receiver and one for the Emitter. 2. Refer to Mounting Brackets on E39-L/F39-L/E39-S/E39-R for details. Appearance Model Quantity Remarks E39-L53 1 Provided with the E3JM. E39-L40 1 Provided with the E3JK. E39-L51 1 Mounting Bracket designed for changing from he E3A-M, E3A2, E3A3, OA-5, or OA-5N to the E3JM. |