| データシートサーチシステム |
|
1337CSRI データシート(PDF) 18 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
1337CSRI データシート(HTML) 18 Page - Integrated Device Technology |
|
18 / 24 page ![]() IDT1337 REAL-TIME CLOCK WITH I2C SERIAL INTERFACE RTC IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE 18 IDT1337 REV J 111009 Marking Diagram (8 MSOP) Marking Diagram (16 SOIC) Marking Diagram (8 SOIC) Notes: 1. # = product stepping. 2. $ = assembler code. 3. ** = sequential code number for traceability. 4. YYWW is the last two digits of the year and week that the part was assembled. 5. “G” denotes RoHS compliant package. 6. “I” denotes industrial grade. 7. Bottom marking: country of origin if not USA. 37GI YWW$ 1 8 9 16 IDT 1337CSRI #YYWW**$ IDT1337 DCGI #YYWW$ 14 5 8 |