| データシートサーチシステム |
|
501MLF データシート(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
501MLF データシート(HTML) 8 Page - Integrated Device Technology |
|
8 / 9 page ![]() ICS501 LOCO™ PLL CLOCK MULTIPLIER CLOCK MULTIPLIER IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER 8 ICS501 REV R 051310 Ordering Information "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 501MLF 501MLF Tubes 8-pin SOIC 0 to +70 ° C 501MLFT 501MLF Tape and Reel 8-pin SOIC 0 to +70 ° C 501MILF 501MILF Tubes 8-pin SOIC -40 to +85 ° C 501MILFT 501MILF Tape and Reel 8-pin SOIC -40 to +85 ° C 501GLF 501GL Tubes 8-pin MSOP 0 to +70 ° C 501GLFT 501GL Tape and Reel 8-pin MSOP 0 to +70 ° C 501GILF 1GIL Tubes 8-pin MSOP -40 to +85 ° C 501GILFT 1GIL Tape and Reel 8-pin MSOP -40 to +85 ° C 501-DWF - Die on uncut, probed wafers 0 to +70 ° C 501-DPK - Tested die in waffle pack 0 to +70 ° C 501E-DPK - Tested die in waffle pack 0 to +70 ° C |