| データシートサーチシステム |
|
LP2992IM5-1.8 データシート(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2992IM5-1.8 データシート(HTML) 15 Page - Texas Instruments |
|
15 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP2992AILD-1.5 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L011A LP2992AILD-1.5/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L011A LP2992AILD-1.8 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L012A LP2992AILD-1.8/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L012A LP2992AILD-3.3 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L014A LP2992AILD-3.3/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L014A LP2992AILD-5.0 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L015A LP2992AILD-5.0/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L015A LP2992AILDX-1.8 ACTIVE WSON NGD 6 4500 TBD Call TI Call TI -40 to 125 L012A LP2992AILDX-1.8/NOPB ACTIVE WSON NGD 6 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L012A LP2992AILDX-3.3 ACTIVE WSON NGD 6 4500 TBD Call TI Call TI -40 to 125 L014A LP2992AILDX-3.3/NOPB ACTIVE WSON NGD 6 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L014A LP2992AILDX-5.0 ACTIVE WSON NGD 6 4500 TBD Call TI Call TI -40 to 125 L015A LP2992AILDX-5.0/NOPB ACTIVE WSON NGD 6 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L015A LP2992AIM5-1.5 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFBA LP2992AIM5-1.5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFBA LP2992AIM5-1.8 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFCA LP2992AIM5-1.8/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFCA LP2992AIM5-2.5 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFDA |