| データシートサーチシステム |
|
LP2992IM5-3.0 データシート(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2992IM5-3.0 データシート(HTML) 16 Page - Texas Instruments |
|
16 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP2992AIM5-2.5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFDA LP2992AIM5-3.3 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFEA LP2992AIM5-3.3/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFEA LP2992AIM5-5.0 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFFA LP2992AIM5-5.0/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFFA LP2992AIM5X-1.5 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 LFBA LP2992AIM5X-1.5/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFBA LP2992AIM5X-1.8 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 LFCA LP2992AIM5X-1.8/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFCA LP2992AIM5X-2.5 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 LFDA LP2992AIM5X-2.5/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFDA LP2992AIM5X-3.3 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 LFEA LP2992AIM5X-3.3/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFEA LP2992AIM5X-5.0 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 LFFA LP2992AIM5X-5.0/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFFA LP2992ILD-1.8 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L012A B LP2992ILD-1.8/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L012A B LP2992ILD-2.5 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L013A B LP2992ILD-2.5/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L013A B |