| データシートサーチシステム |
|
BAS40 データシート(PDF) 3 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
BAS40 データシート(HTML) 3 Page - Micro Commercial Components |
|
3 / 4 page ![]() Typical Characteristics Revision: B 2013/01/01 www.mccsemi.com 3 of 4 MCC TM Micro Commercial Components BAS40 and BAS70 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig.1 Typical Forward Voltage T = -40ºC A T = 125ºC A T = 75ºC A T = 25ºC A T = 0ºC A 0 1 3 2 0 10 20 40 30 V , REVERSE VOLTAGE (V) R Fig.3 Typical Capacitance f=1MHz 0 100 200 T , AMBIENT TEMPERATURE (ºC) A Fig. 4 Power Derating Curve, Total Package 0 50 100 150 200 0.1 1 10 100 1000 10000 0 10 20 30 40 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig.2 Typical Reverse Characteristics T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T = 0ºC A |