| データシートサーチシステム |
|
STM32F030x8 データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030x8 データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 88 page ![]() Pinouts and pin descriptions STM32F030x4 STM32F030x6 STM32F030x8 26/88 DocID024849 Rev 1 Table 11. Pin definitions Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions 1 1 - - VDD S Complementary power supply 22 - - PC13 I/O TC (1) - RTC_TAMP1, RTC_TS, RTC_OUT, WKUP2 33 - - PC14-OSC32_IN (PC14) I/O TC (1) - OSC32_IN 44 - - PC15-OSC32_OUT (PC15) I/O TC (1) - OSC32_OUT 55 22 PF0-OSC_IN (PF0) I/O FT - OSC_IN 66 33 PF1-OSC_OUT (PF1) I/O FT - OSC_OUT 77 44 NRST I/O RST Device reset input / internal reset output (active low) 8 - - - PC0 I/O TTa EVENTOUT ADC_IN10 9 - - - PC1 I/O TTa EVENTOUT ADC_IN11 10 - - - PC2 I/O TTa EVENTOUT ADC_IN12 11 - - - PC3 I/O TTa EVENTOUT ADC_IN13 12 8 - - VSSA S Analog ground 13 9 5 5 VDDA S Analog power supply 14 10 6 6 PA0 I/O TTa USART1_CTS(2), USART2_CTS(3) ADC_IN0, RTC_TAMP2, WKUP1 15 11 7 7 PA1 I/O TTa USART1_RTS(2), USART2_RTS(3), EVENTOUT ADC_IN1 16 12 8 8 PA2 I/O TTa USART1_TX(2), USART2_TX(3), TIM15_CH1(3) ADC_IN2 17 13 9 9 PA3 I/O TTa USART1_RX(2), USART2_RX(3), TIM15_CH2(3) ADC_IN3 18 - - - PF4 I/O FT EVENTOUT - 19 - - - PF5 I/O FT EVENTOUT - |