データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F030C8 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STM32F030C8
部品情報  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 データシート(HTML) 8 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 4Page - STMicroelectronics STM32F030C8 Datasheet HTML 5Page - STMicroelectronics STM32F030C8 Datasheet HTML 6Page - STMicroelectronics STM32F030C8 Datasheet HTML 7Page - STMicroelectronics STM32F030C8 Datasheet HTML 8Page - STMicroelectronics STM32F030C8 Datasheet HTML 9Page - STMicroelectronics STM32F030C8 Datasheet HTML 10Page - STMicroelectronics STM32F030C8 Datasheet HTML 11Page - STMicroelectronics STM32F030C8 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
Introduction
STM32F030x4 STM32F030x6 STM32F030x8
8/88
DocID024849 Rev 1
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F030x microcontrollers.
This STM32F030x4, STM32F030x6, and STM32F030x8 datasheet should be read in
conjunction with the STM32F0xxxx reference manual (RM0091). The reference manual is
available from the STMicroelectronics website www.st.com.
For information on the ARM Cortex™-M0 core, please refer to the Cortex™-M0 Technical
Reference Manual, available from the www.arm.com website at the following address:
http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0432c/index.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88