| データシートサーチシステム |
|
HT66F016L データシート(PDF) 41 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F016L データシート(HTML) 41 Page - Holtek Semiconductor Inc |
|
41 / 128 page ![]() Rev. 1.00 �0 ���� 0�� �01� Rev. 1.00 �1 ���� 0�� �01� HT66F016L/HT66F017L 0.9V Battery Flash A/D Type 8-Bit MCU NO RM AL M ode SL EEP0 M od e SL EEP1 M od e ID LE 0 M ode ID LE 1 M ode SL OW M ode CK S2 ~C KS 0 ¹ 000 B, 0 01 B as H LC LK =0 or H LC LK =1 WD T and L V D ar e al l of f ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d WD T or L V D is o n ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d ID LE N = 1, F SYSO N= 0 HA LT i ns tr uc ti on i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i ns tr uc ti on is e xe cu te d SLOW Mode to NORMAL Mode Switching InSLOWModethesystemusestheLIRClowspeedsystemoscillator.Toswitchbacktothe NORMALMode,wherethehighspeedsystemoscillatorisused,theHLCLKbitshouldbesetto ″1″orHLCLKbitis″0″,butCKS2~CKS0issetto″010″,″011″,″100″,″101″,″110″or″111″. Asacertainamountoftimewillberequiredforthehighfrequencyclocktostabilise,thestatusof theHTObitischecked.Theamountoftimerequiredforhighspeedsystemoscillatorstabilization dependsuponwhichhighspeedsystemoscillatortypeisused. Entering the SLEEP0 Mode ThereisonlyonewayforthedevicetoentertheSLEEP0Modeandthatistoexecutethe″HALT″ instructionintheapplicationprogramwiththeIDLENbitinSMODregisterequalto″0″andthe WDTandLVDbothoff.Whenthisinstructionisexecutedundertheconditionsdescribedabove,the followingwilloccur: • Thesystemclock,WDTclockandTimeBaseclockwillbestoppedandtheapplicationprogram willstopatthe″HALT″instruction. • TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition. • TheWDTwillbeclearedandstopped. • TheI/Oportswillmaintaintheirpresentconditions. • Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO, willbecleared. |