データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6470H データシート(PDF) 18 Page - STMicroelectronics

部品番号 L6470H
部品情報  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H データシート(HTML) 18 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 14Page - STMicroelectronics L6470H Datasheet HTML 15Page - STMicroelectronics L6470H Datasheet HTML 16Page - STMicroelectronics L6470H Datasheet HTML 17Page - STMicroelectronics L6470H Datasheet HTML 18Page - STMicroelectronics L6470H Datasheet HTML 19Page - STMicroelectronics L6470H Datasheet HTML 20Page - STMicroelectronics L6470H Datasheet HTML 21Page - STMicroelectronics L6470H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
Pin connection
L6470
18/70
Doc ID16737 Rev 5
24
31
FLAG
Open drain output
Status flag pin. An internal open drain transistor can
pull the pin to GND when a programmed alarm
condition occurs (step loss, OCD, thermal pre-
warning or shutdown, UVLO, wrong command, non-
performable command)
3
6
STBY\RST
Logic input
Standby and reset pin. LOW logic level resets the
logic and puts the device into Standby mode. If not
used, it should be connected to VDD.
25
32
STCK
Logic input
Step-clock input
EPAD
EPAD
Exposed pad Ground
Internally connected to PGND, AGND and DGND pins
Table 6.
Pin description (continued)
No.
Name
Type
Function
HTSSOP
POWERSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70