| データシートサーチシステム |
|
LM339 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM339 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Absolute maximum ratings and operating conditions LM139, LM239, LM339 4/19 Doc ID 2159 Rev 3 Table 2. Operating conditions (Tamb = 25° C) Symbol Parameter Value Unit VCC Supply voltage 2 to 32 ±1 to ±16 V VICM Common mode input voltage range 0 to (VCC + - 1.5) V Toper Operating free-air temperature range – LM139, LM139A – LM239, LM239A – LM339, LM339A -55, +125 -40, +105 0, +70 °C |