データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LNBH23LQTR データシート(PDF) 23 Page - STMicroelectronics

部品番号 LNBH23LQTR
部品情報  LNB supply and control IC with step-up and I2C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23LQTR データシート(HTML) 23 Page - STMicroelectronics

Back Button LNBH23LQTR Datasheet HTML 17Page - STMicroelectronics LNBH23LQTR Datasheet HTML 18Page - STMicroelectronics LNBH23LQTR Datasheet HTML 19Page - STMicroelectronics LNBH23LQTR Datasheet HTML 20Page - STMicroelectronics LNBH23LQTR Datasheet HTML 21Page - STMicroelectronics LNBH23LQTR Datasheet HTML 22Page - STMicroelectronics LNBH23LQTR Datasheet HTML 23Page - STMicroelectronics LNBH23LQTR Datasheet HTML 24Page - STMicroelectronics LNBH23LQTR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
LNBH23L
Package mechanical data
Doc ID 15335 Rev 4
23/25
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
5.25
0.207
Bo
5.25
0.207
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (5x5 mm.) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25