データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LITE29F2 データシート(PDF) 51 Page - STMicroelectronics

部品番号 ST7LITE29F2
部品情報  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 データシート(HTML) 51 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 47Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 48Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 49Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 50Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 51Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 52Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 53Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 54Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Interrupts
Doc ID 8349 Rev 5
51/166
●
Bits 1:0 =
ei0[1:0] ei0 pin selection
These bits are written by software. They select the Port A I/O pin used for the ei0
external interrupt according to the table below.
Table 16.
External interrupt I/O pin selection
ei11
ei10
I/O pin
00
PA4
01
PA5
10
PA6
11
PA7(1)
1.
Reset state
Table 17.
External interrupt I/O pin selection
ei01
ei00
I/O pin
00
PA0 (1)
1.
Reset state
01
PA1
10
PA2
11
PA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More