| データシートサーチシステム |
|
ST7FLITE29F2B6 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE29F2B6 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 166 page ![]() Supply, reset and clock management ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 40/166 Doc ID 8349 Rev 5 7.5.5 Internal watchdog RESET The RESET sequence generated by a internal Watchdog counter overflow is shown in Figure 16. Starting from the Watchdog counter underflow, the device RESET pin acts as an output that is pulled low during at least tw(RSTL)out. Figure 16. RESET sequences 7.6 System integrity management (SI) The system integrity management block contains the low voltage detector (LVD) and auxiliary voltage detector (AVD) functions. It is managed by the SICSR register. Note: A reset can also be triggered following the detection of an illegal opcode or prebyte code. Refer to Section 12.2.1: Illegal opcode reset for further details. 7.6.1 Low voltage detector (LVD) The low voltage detector function (LVD) generates a static reset when the VDD supply voltage is below a VIT-(LVD) reference value. This means that it secures the power-up as well as the power-down keeping the ST7 in reset. The VIT-(LVD) reference value for a voltage drop is lower than the VIT+(LVD) reference value for power-on in order to avoid a parasitic reset when the MCU starts running and sinks current on the supply (hysteresis). VDD Run RESET PIN External Watchdog Active phase VIT+(LVD) VIT-(LVD) th(RSTL)in Run Watchdog underflow tw(RSTL)out Run Run RESET RESET SOURCE External RESET LVD RESET Watchdog RESET Internal RESET (256 or 4096 TCPU) Vector fetch Active phase Active phase |