| データシートサーチシステム |
|
TDA7498L データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7498L データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 27 page ![]() Package mechanical data TDA7498L 24/27 Doc ID 16504 Rev 3 6 Package mechanical data The TDA7498L comes in a 36-pin PowerSSO package with exposed pad up. Figure 28 shows the package outline and Table 10 gives the dimensions. In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 10. PowerSSO-36 EPU dimensions Symbol Dimensions in mm Dimensions in inches Min Typ Max Min Typ Max A 2.15 - 2.45 0.085 - 0.096 A2 2.15 - 2.35 0.085 - 0.093 a1 0 - 0.10 0 - 0.004 b 0.18 - 0.36 0.007 - 0.014 c 0.23 - 0.32 0.009 - 0.013 D 10.10 - 10.50 0.398 - 0.413 E 7.40 - 7.60 0.291 - 0.299 e - 0.5 - - 0.020 - e3 - 8.5 - - 0.335 - F - 2.3 - - 0.091 - G- - 0.10 - - 0.004 H 10.10 - 10.50 0.398 - 0.413 h- - 0.40 - - 0.016 k 0 - 8 degrees - - 8 degrees L 0.60 - 1.00 0.024 - 0.039 M - 4.30 - - 0.169 - N - - 10 degrees - - 10 degrees O - 1.20 - - 0.047 - Q - 0.80 - - 0.031 - S - 2.90 - - 0.114 - T - 3.65 - - 0.144 - U - 1.00 - - 0.039 - X 4.10 - 4.70 0.161 - 0.185 Y 4.90 - 7.10 0.193 - 0.280 |