| データシートサーチシステム |
|
STM8S003F3U6C データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003F3U6C データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 100 page ![]() 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). STM8S003F3 UFQFPN20 pinout 5.2.2 Figure 5: STM8S003F3 UFQFPN20-pin pinout 2 1 3 4 5 6 7 8 9 11 12 13 14 15 16 17 18 19 VCAP VSS OSCOUT/PA2 OSCIN/PA1 NRST PC4(HS)/TIM1_CH4/CLK_CCO/AIN2/[TIM1_CH2N] PC5 (HS)/SPI_SCK [TIM2_CH1] PC6(HS)/SPI_MOSI [TIM1_CH1] PC7(HS)/SPI_MISO[TIM1_CH2] PD1(HS)/SWIM 10 20 1. HS high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). STM8S003F3 TSSOP20/UFQFPN20 pin description 5.2.3 Table 6: STM8S003F3 pin description Alternate function after remap [option bit] Default alternate function Main function (after reset) Output Input Type Pin name Pin no. PP OD Speed High sink (1) Ext. interr. wpu floating UFQFPN20 TSSOP20 Timer 2 - channel Port D4 X X O3 HS X X X I/O PD4/ BEEP/ TIM2_ CH1/ UART1 _CK 18 1 1/BEEP output/ DocID018576 Rev 3 22/100 STM8S003K3 STM8S003F3 Pinout and pin description |