データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8563P/F4 データシート(PDF) 18 Page - NXP Semiconductors

部品番号 PCF8563P/F4
部品情報  Real-time clock/calendar
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563P/F4 データシート(HTML) 18 Page - NXP Semiconductors

Back Button PCF8563P/F4 Datasheet HTML 14Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 15Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 16Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 17Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 18Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 19Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 20Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 21Page - NXP Semiconductors PCF8563P/F4 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 3 April 2012
18 of 50
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.8.2 Register Timer
The register Timer is an 8-bit binary countdown timer. It is enabled and disabled via the
Timer_control register bit TE. The source clock for the timer is also selected by the
Timer_control register. Other timer properties such as interrupt generation are controlled
via the register Control_status_2.
For accurate read back of the count down value, it is recommended to read the register
twice and check for consistent results, since it is not possible to freeze the countdown
timer counter during read back.
Table 24.
Timer - timer value register (address 0Fh) bit description
Bit
Symbol
Value
Description
7 to 0
TIMER[7:0]
00h to FFh
countdown period in seconds:
where n is the countdown value
Table 25.
Timer register bits value range
Bit
7
6
5
4
3
2
1
0
128
64
32
16
8421
CountdownPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50