データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H3LIS331DL データシート(PDF) 1 Page - STMicroelectronics

部品番号 H3LIS331DL
部品情報  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS331DL データシート(HTML) 1 Page - STMicroelectronics

  H3LIS331DL Datasheet HTML 1Page - STMicroelectronics H3LIS331DL Datasheet HTML 2Page - STMicroelectronics H3LIS331DL Datasheet HTML 3Page - STMicroelectronics H3LIS331DL Datasheet HTML 4Page - STMicroelectronics H3LIS331DL Datasheet HTML 5Page - STMicroelectronics H3LIS331DL Datasheet HTML 6Page - STMicroelectronics H3LIS331DL Datasheet HTML 7Page - STMicroelectronics H3LIS331DL Datasheet HTML 8Page - STMicroelectronics H3LIS331DL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
July 2013
DocID023111 Rev 2
1/38
H3LIS331DL
MEMS motion sensor:
low-power high-g 3-axis digital accelerometer
Datasheet
- production data
Features
 Wide supply voltage, 2.16 V to 3.6 V
 Low-voltage compatible IOs, 1.8 V
 Ultra-low power consumption down to 10 μA in
low-power mode
 ±100g/±200g/±400g dynamically selectable full
scales
 I2C/SPI digital output interface
 16-bit data output
 Sleep-to-wakeup function
 10000 g high-shock survivability
 ECOPACK®, RoHS and “Green” compliant
Applications
 Shock detection
 Impact recognition and logging
 Concussion detection
Description
The H3LIS331DL is a low-power high-
performance 3-axis linear accelerometer
belonging to the “nano” family, with digital I2C/SPI
serial interface standard output.
The device features ultra-low power operational
modes that allow advanced power saving and
smart sleep-to-wakeup functions.
The H3LIS331DL has dynamically user-
selectable full scales of ±100g/±200g/±400g and it
is capable of measuring accelerations with output
data rates from 0.5 Hz to 1 kHz.
The H3LIS331DL is available in a small thin
plastic land grid array package (LGA) and it is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
TFLGA 3x3x1.0 mm3 16L
Table 1. Device summary
Order codes
Temperature range [
C]
Package
Packaging
H3LIS331DL
-40 to +85
TFLGA 3x3x1.0 mm3 16L
Tray
H3LIS331DLTR
-40 to +85
TFLGA 3x3x1.0 mm3 16L
Tape and reel
www.st.com


同様の部品番号 - H3LIS331DL

メーカー部品番号データシート部品情報
logo
STMicroelectronics
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
H3LIS331DLTR STMICROELECTRONICS-H3LIS331DLTR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results

同様の説明 - H3LIS331DL

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com