データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JS28F256P30B95A データシート(PDF) 96 Page - Micron Technology

部品番号 JS28F256P30B95A
部品情報  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRON [Micron Technology]
ホームページ  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A データシート(HTML) 96 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 89Page - Micron Technology JS28F256P30B95A Datasheet HTML 90Page - Micron Technology JS28F256P30B95A Datasheet HTML 91Page - Micron Technology JS28F256P30B95A Datasheet HTML 92Page - Micron Technology JS28F256P30B95A Datasheet HTML 93Page - Micron Technology JS28F256P30B95A Datasheet HTML 94Page - Micron Technology JS28F256P30B95A Datasheet HTML 95Page - Micron Technology JS28F256P30B95A Datasheet HTML 96Page - Micron Technology JS28F256P30B95A Datasheet HTML 97Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 96 / 97 page
background image
P30
Datasheet
August 2008
96
306666-12
B.3
Nomenclature
B.4
Additional Documentation
Block :
A group of bits, bytes, or words within the flash memory array that erase
simultaneously. The P30 has two block sizes: 32 KByte and 128 KByte.
Main block :
An array block that is usually used to store code and/or data. Main blocks are larger
than parameter blocks.
Parameter block :
An array block that may be used to store frequently changing data or small system
parameters that traditionally would be stored in EEPROM.
Top parameter device :
A device with its parameter blocks located at the highest physical address of its
memory map.
Bottom parameter device :
A device with its parameter blocks located at the lowest physical address of its
memory map.
Order/Document
Number
Document/Tool
309045
P30 Family Specification Update
308291
Schematic Review Checklist for Numonyx™ StrataFlash® Embedded Memory (P30)
300783
Using Numonyx™ Flash Memory: Asynchronous Page Mode and Synchronous Burst Mode
290667
Numonyx™ StrataFlash® Memory (J3) Datasheet
306667
Migration Guide for Numonyx™ StrataFlash® Memory (J3) to Numonyx™ StrataFlash® Embedded
Memory (P30/P33) Application Note 812
314750
Numonyx™ StrataFlash® Memory (P30) to Numonyx™ StrataFlash® Embedded Memory (P33)
Conversion Guide Application Note 867
290737
Numonyx™ StrataFlash® Synchronous Memory (K3/K18) Datasheet
306669
Migration Guide for Numonyx™ StrataFlash® Synchronous Memory (K3/K18) to Numonyx™
StrataFlash® Embedded Memory (P30) Application Note 825
290701
Numonyx™ Wireless Flash Memory (W18) Datasheet
290702
Numonyx™ Wireless Flash Memory (W30) Datasheet
252802
Numonyx™ Flash Memory Design for a Stacked Chip Scale Package (SCSP)
298161
Numonyx™ Flash Memory Chip Scale Package User’s Guide
253418
Numonyx™ Wireless Communications and Computing Package User's Guide
296514
Numonyx™ Small Outline Package Guide
297833
Numonyx™ Flash Data Integrator (Numonyx™ FDI) User Guide
298136
Numonyx™ Persistent Storage Manager (Numonyx™ PSM) User Guide
306668
Migration Guide for Spansion* S29GLxxxN to Numonyx™ StrataFlash® Embedded Memory (P30/P33)
Application Note 813
Note:
Contact your local Numonyx or distribution sales office or visit Numonyx’s World Wide Web home page at http://
www.numonyx.com for technical documentation, tools, or the most current information on Numonyx™ Flash Memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97