| データシートサーチシステム |
|
HSMP-389L データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HSMP-389L データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 13 page ![]() 2 Package Lead Code Identification, SOT-23/143 (Top View) Package Lead Code Identification, SOT-323 (Top View) Package Lead Code Identification, SOT-363 (Top View) Absolute Maximum Ratings[1] T C = +25°C Symbol Parameter Unit SOT-23/143 SOT-323/363 I f ForwardCurrent(1µsPulse) Amp 1 1 P IV PeakInverseVoltage V 100 100 T j JunctionTemperature °C 150 150 T stg StorageTemperature °C -65to150 -65to150 θ jc ThermalResistance[2] °C/W 500 150 ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge. Notes: 1. Operationinexcessofanyoneoftheseconditionsmayresultinpermanentdamagetothedevice. 2. T C=+25°C,whereTCisdefinedtobethetemperatureatthepackagepinswherecontactismadetothecircuitboard. SERIES– SHUNT PAIR LOW INDUCTANCE SINGLE T UNCONNECTED TRIO L 1 2 3 6 5 4 1 2 3 6 5 4 1 2 3 6 5 4 U HIGH FREQUENCY SERIES V 1 2 3 6 5 4 DUAL SWITCH MODEL R 1 2 3 6 5 4 COMMON CATHODE F COMMON ANODE E SERIES C SINGLE B DUAL ANODE 489B COMMON CATHODE #4 COMMON ANODE #3 SERIES #2 SINGLE #0 UNCONNECTED PAIR #5 DUAL ANODE 4890 RING QUAD #7 1 3 2 4 UNDER DEVELOPMENT |